| データシートサーチシステム |
|
SA30 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
SA30 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
|
3 / 5 page ![]() Dimensions in inches and (millimeters) ELECTRICAL CHARACTERISTICS (TA=25 OC unless otherwise noted) Breakdown Voltage Test Stand-Off Maximum Maximum Maximum Maximum Device VBR Current Voltage Reverse Leakage Peak Pulse Clamping Temperature (Volts) (Note 1) @IT VWM at VWM Current IPPM Voltage at IPPM Coefficient Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR mV / OC) SA5.0 6.40 7.30 10 5.0 600 54.0 9.60 5.0 SA5.0A 6.40 7.00 10 5.0 600 57.0 9.20 5.0 SA6.0 6.67 8.15 10 6.0 600 46.0 11.4 5.0 SA6.0A 6.67 7.37 10 6.0 600 50.0 10.3 5.0 SA6.5 7.22 8.82 10 6.5 400 42.0 12.3 5.0 SA6.5A 7.22 7.98 10 6.5 400 46.0 11.2 5.0 SA7.0 7.78 9.51 10 7.0 150 39.0 13.3 6.0 SA7.0A 7.78 8.60 10 7.0 150 43.0 12.0 6.0 SA7.5 8.33 10.2 1.0 7.5 50 36.0 14.3 7.0 SA7.5A 8.33 9.21 1.0 7.5 50 40.0 12.9 7.0 SA8.0 8.89 10.9 1.0 8.0 25 35.0 15.0 7.0 SA8.0A 8.89 9.83 1.0 8.0 25 38.0 13.6 7.0 SA8.5 9.44 11.5 1.0 8.5 10 33.0 15.9 8.0 SA8.5A 9.44 10.4 1.0 8.5 10 36.0 14.4 8.0 SA9.0 10.0 12.2 1.0 9.0 5.0 31.0 16.9 9.0 SA9.0A 10.0 11.1 1.0 9.0 5.0 34.0 15.4 9.0 SA10 11.1 13.6 1.0 10.0 1.0 27.0 18.8 10.0 SA10A 11.1 12.3 1.0 10.0 1.0 30.0 17.0 10.0 SA11 12.2 14.9 1.0 11.0 1.0 26.0 20.1 11.0 SA11A 12.2 13.5 1.0 11.0 1.0 28.0 18.2 11.0 SA12 13.3 16.3 1.0 12.0 1.0 23.0 22.0 12.0 SA12A 13.3 14.7 1.0 12.0 1.0 26.3 19.9 12.0 SA13 14.4 17.6 1.0 13.0 1.0 22.0 23.8 13.0 SA13A 14.4 15.9 1.0 13.0 1.0 24.0 21.5 13.0 SA14 15.6 19.1 1.0 14.0 1.0 20.3 25.8 14.0 SA14A 15.6 17.2 1.0 14.0 1.0 22.6 23.2 14.0 SA15 16.7 20.4 1.0 15.0 1.0 19.5 26.9 16.0 SA15A 16.7 18.5 1.0 15.0 1.0 21.0 24.4 16.0 SA16 17.8 21.8 1.0 16.0 1.0 18.0 28.8 19.0 SA16A 17.8 19.7 1.0 16.0 1.0 20.0 26.0 17.0 SA17 18.9 23.1 1.0 17.0 1.0 17.0 30.5 20.0 SA17A 18.9 20.9 1.0 17.0 1.0 19.0 27.6 19.0 SA18 20.0 24.4 1.0 18.0 1.0 16.3 32.2 21.0 SA18A 20.0 22.1 1.0 18.0 1.0 17.9 29.2 20.0 SA20 22.2 27.1 1.0 20.0 1.0 14.0 35.8 25.0 SA20A 22.2 24.5 1.0 20.0 1.0 16.0 32.4 23.0 SA22 24.4 29.8 1.0 22.0 1.0 13.0 39.4 28.0 SA22A 24.4 26.9 1.0 22.0 1.0 14.7 35.5 25.0 SA24 26.7 32.6 1.0 24.0 1.0 12.0 43.0 31.0 SA24A 26.7 29.5 1.0 24.0 1.0 13.4 38.9 28.0 SA26 28.9 35.3 1.0 26.0 1.0 11.0 46.6 31.0 SA26A 28.9 31.9 1.0 26.0 1.0 12.4 42.1 30.0 SA28 31.1 38.0 1.0 28.0 1.0 10.0 50.1 35.0 SA28A 31.1 34.4 1.0 28.0 1.0 11.5 45.4 31.0 SA30 33.3 40.7 1.0 30.0 1.0 9.8 53.5 39.0 SA30A 33.3 36.8 1.0 30.0 1.0 10.8 48.4 36.0 SA33 36.7 44.9 1.0 33.0 1.0 8.8 59.0 42.0 SA33A 36.7 40.6 1.0 33.0 1.0 9.8 53.3 39.0 SA36 40.0 48.9 1.0 36.0 1.0 8.1 64.3 46.0 SA36A 40.0 44.2 1.0 36.0 1.0 9.0 58.1 41.0 SA40 44.4 54.3 1.0 40.0 1.0 7.3 71.4 51.0 SA40A 44.4 49.1 1.0 40.0 1.0 8.1 64.5 46.0 SA43 47.8 58.4 1.0 43.0 1.0 6.8 76.7 55.0 SA43A 47.8 52.8 1.0 43.0 1.0 7.5 69.4 50.0 Version: B07 |