データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER53-E データシート(PDF) 32 Page - STMicroelectronics

部品番号 VIPER53-E
部品情報  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53-E データシート(HTML) 32 Page - STMicroelectronics

Back Button VIPER53-E Datasheet HTML 28Page - STMicroelectronics VIPER53-E Datasheet HTML 29Page - STMicroelectronics VIPER53-E Datasheet HTML 30Page - STMicroelectronics VIPER53-E Datasheet HTML 31Page - STMicroelectronics VIPER53-E Datasheet HTML 32Page - STMicroelectronics VIPER53-E Datasheet HTML 33Page - STMicroelectronics VIPER53-E Datasheet HTML 34Page - STMicroelectronics VIPER53-E Datasheet HTML 35Page - STMicroelectronics VIPER53-E Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Package mechanical data
VIPer53 - E
32/36
Figure 25. Package dimensions
Table 11.
DIP8 mechanical data
Dimensions
Ref.
Databook (mm)
Nom.
Min
Max
A
5.33
A1
0.38
A2
2.92
3.30
4.95
b
0.36
0.46
0.56
b2
1.14
1.52
1.78
c
0.20
0.25
0.36
D
9.02
9.27
10.16
E
7.62
7.87
8.26
E1
6.10
6.35
7.11
e2.54
eA
7.62
eB
10.92
L
2.92
3.30
3.81
Package Weight
Gr. 470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36