データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER100A-E データシート(PDF) 24 Page - STMicroelectronics

部品番号 VIPER100A-E
部品情報  SMPS PRIMARY I.C.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100A-E データシート(HTML) 24 Page - STMicroelectronics

Back Button VIPER100A-E Datasheet HTML 20Page - STMicroelectronics VIPER100A-E Datasheet HTML 21Page - STMicroelectronics VIPER100A-E Datasheet HTML 22Page - STMicroelectronics VIPER100A-E Datasheet HTML 23Page - STMicroelectronics VIPER100A-E Datasheet HTML 24Page - STMicroelectronics VIPER100A-E Datasheet HTML 25Page - STMicroelectronics VIPER100A-E Datasheet HTML 26Page - STMicroelectronics VIPER100A-E Datasheet HTML 27Page - STMicroelectronics VIPER100A-E Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
8 Package Mechanical Data
VIPer100A-E/ASP-E
24/31
Pentawatt HV Mechanical Data
Dim
mm.
inch
Min.
Typ.
Maw.
Min.
Typ.
Max.
A
4.30
4.80
0.169
0.189
C
1.17
1.37
0.046
0.054
D
2.40
2.80
0.094
0.11
E
0.35
0.55
0.014
0.022
F
0.60
0.80
0.024
0.031
G1
4.91
5.21
0.193
0.205
G2
7.49
7.80
0.295
0.307
H1
9.30
9.70
0.366
0.382
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L
15.60
17.30
6.14
0.681
L1
14.60
15.22
0.575
0.599
L2
21.20
21.85
0.835
0.860
L3
22.20
22.82
0.874
0.898
L5
2.60
3
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6
6.60
0.236
0.260
M
2.50
3.10
0.098
0.122
M1
4.50
5.60
0.177
0.220
R0.50
0.02
V4
90
°
Diam
3.65
3.85
0.144
0.152
P023H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31