データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER53SPTR-E データシート(PDF) 31 Page - STMicroelectronics

部品番号 VIPER53SPTR-E
部品情報  OFF-line primary switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SPTR-E データシート(HTML) 31 Page - STMicroelectronics

Back Button VIPER53SPTR-E Datasheet HTML 27Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 28Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 29Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 30Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 31Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 32Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 33Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 34Page - STMicroelectronics VIPER53SPTR-E Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
VIPer53 - E
Package mechanical data
31/36
14
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36