| データシートサーチシステム |
|
DCS-7130-16G3S-R データシート(PDF) 2 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7130-16G3S-R データシート(HTML) 2 Page - Arista Networks, Inc |
|
2 / 4 page ![]() 7130S Connect Series | Technical Specifications Model Comparison 7130-16G3S E 7130-48G3S 7130-96S E Ports 16 x SFP+ 1 x RJ45 48 x SFP+ 1 x RJ45 96 x SFP+ 2 x RJ45 Throughput 100M-11.3Gbps 100M-11.3Gbps 100M-11.3Gbps Latency 4 ns 4 ns 6 ns CPU Quad-Core x86 Quad-Core x86 Quad-Core x86 System Memory 8 GB RAM 8 GB RAM 8 GB RAM On-board SSD 64GB 64GB 64GB USB Ports 1 1 1 100/1000 Mgmt Ports 2 2 2 RS-232 Serial Ports 1 (RJ-45) Hot-swap Power Supplies 2 (1+1 redundant) Hot-swappable Fan Trays 2 (1+1 redundant) 3 (N+1 redundant) Reversible Airflow Option Yes Rack Units 1U 1U 2U Size (WxHxD) 17.6 x 1.7 x 14.9” (44.8 x 4.3 x 37.9 cm) 17.6 x 1.7 x 14.9” (44.8 x 4.3 x 37.9 cm) 17.6 x 3.3 x 14.9” (44.8 x 8.7 x 37.9 cm) Max Power Draw 190W 190W 388W Weight 9kg/20lbs 9kg/20lbs 10kg/22lbs Fan Tray FAN-7130-1U FAN-7130-1U FAN-7130-2U Power Supplies PWR-500 (AC or DC) PWR-500 (AC or DC) PWR-747-AC PWR-1900-DC E. Product is subject to an End of Sale notice |