| データシートサーチシステム |
|
DCS-7130-96LS-R データシート(PDF) 3 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7130-96LS-R データシート(HTML) 3 Page - Arista Networks, Inc |
|
3 / 8 page ![]() 7130LS Series | Applications Enabling Custom Applications While FPGA applications can be challenging to develop, the Arista 7130LS makes them easy to deploy. Arista provides a built-in application framework allowing developers to wrap applications into simple packages for deployment, streamlining operational processes. Arista development toolkits enable complete and unfettered access to the facilities provided by the in-system FPGAs. These are the same APIs and developer kits used by the Arista engineering team to develop and deploy our applications. Application Dev Standard Overview Key Features Use it for... ExchangeApp L/LB In-line packet time- stamping enabling exchange fairness • Timestamp at the edge of trading venue networks • Sub-200ns passthrough latency to apply the timestamp • Reliable accuracy and timestamp precision • Accurately synchronise timestamps between multiple ExchangeApp devices • Increase exchange fairness • Reduce trading venue latency sensitivity • Maintain trade order based on edge timestamps • Reduce complexity and risk of traditional low- latency exchange infrastructures MetaProtect Firewall L/LB Low-latency packet ltering in 135 ns • Architected for ultra-low-latency with forwarding from 135 nanoseconds • Line rate 10GbE packet uni or bidirectional ltering between port- pairs • Stateless security policy with up to 510 rules per ACL • Full packet header logging for noncompliant tra c • Low-latency rewall • Satisfy InfoSec or regulatory compliance mandates without introducing excessive latency |