データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54ACT05F3A データシート(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD54ACT05F3A
部品情報  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT05F3A データシート(HTML) 13 Page - Texas Instruments

Back Button CD54ACT05F3A Datasheet HTML 9Page - Texas Instruments CD54ACT05F3A Datasheet HTML 10Page - Texas Instruments CD54ACT05F3A Datasheet HTML 11Page - Texas Instruments CD54ACT05F3A Datasheet HTML 12Page - Texas Instruments CD54ACT05F3A Datasheet HTML 13Page - Texas Instruments CD54ACT05F3A Datasheet HTML 14Page - Texas Instruments CD54ACT05F3A Datasheet HTML 15Page - Texas Instruments CD54ACT05F3A Datasheet HTML 16Page - Texas Instruments CD54ACT05F3A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Nov-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD74ACT05BQAR
WQFN
BQA
14
3000
180.0
12.4
2.8
3.3
1.1
4.0
12.0
Q1
CD74ACT05M96
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
CD74ACT05M96
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27