データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCF データシート(PDF) 5 Page - Arista Networks, Inc

部品番号 CCF
部品情報  Self-Service Automated Fabric with Cloud-Style VPCs ON-PREM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARISTA [Arista Networks, Inc]
ホームページ  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

CCF データシート(HTML) 5 Page - Arista Networks, Inc

  CCF Datasheet HTML 1Page - Arista Networks, Inc CCF Datasheet HTML 2Page - Arista Networks, Inc CCF Datasheet HTML 3Page - Arista Networks, Inc CCF Datasheet HTML 4Page - Arista Networks, Inc CCF Datasheet HTML 5Page - Arista Networks, Inc CCF Datasheet HTML 6Page - Arista Networks, Inc CCF Datasheet HTML 7Page - Arista Networks, Inc CCF Datasheet HTML 8Page - Arista Networks, Inc CCF Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
E-VPC (Tenant)
In the most common scenario, end consumers or tenants
of the data center infrastructure deal with a logical network
topology that defines the connectivity and policy requirements
of applications. As an illustrative example, the canonical 3-tier
application in Figure 5 shows various workload nodes of a
tenant named “BLUE.” Typically, a tenant provisions these
workloads using orchestration software such as OpenStack,
VMware vSphere, or CCF Controller GUI/CLI, directly. As part
of that provisioning workflow, the CCF Controller seamlessly
enables the logical topology onto the physical and virtual
switches.
Mapping Logical to Physical
The BLUE Tenant has three logical network segments. Each of
the three segments represents the broadcast domain for the
3-tiers—Web, App, and Database. Let’s say in this example,
Web1,2 and App1,2 are virtualized workloads but DB1,2 is
comprised of physical workloads. Following the rules defined
by the data center administrator, the orchestration system
provisions requested workloads across different physical nodes
within the data center. As an example, the logical topology
shown in Figure 5 could be mapped on the pod network.
The CCF Controller handles the task of providing optimal
connectivity, between these loads dispersed across the pod,
while ensuring tenant separation and security.
In order to simplify the example, we only show racks that host
virtualized and physical workloads in the figure above, but
similar concepts apply for implementing tenant connectivity to
external router and chaining shared services.
An illustrative sample set of entries in various forwarding tables
highlight some of the salient features of CCF described in earlier
sections.
• L3 routing decision is made at the first hop leaf switch
(distributed virtual routing—no hair-pinning)
• L2 forwarding across the pod without special fabric
encapsulation (no tunneling)
• Full load-balancing across the various LAG links (leaf and
spines)
• Leaf/Spine mesh connectivity within the physical fabric for
resilience
Datasheet
arista.com
arista.com
arista.com
arista.com
5
Figure 5: CCF Logical Topology
Figure 6: Application Centric Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15