| データシートサーチシステム |
|
TS2937ACZ データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
TS2937ACZ データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 6 page ![]() TS2937 2-6 2003/12 rev. B Electrical Characteristics Vin = Vout + 1V, IL = 5mA, Co = 6.8uF, Ta = 25 oC, unless otherwise specified. Parameter Conditions Min Typ Max Unit TS2937A 0.990|Vo| 1.010|Vo| v Output Voltage Ta = 25 oC TS2937 0.980|Vo| 1.020|Vo| V TS2937A 0.980|Vo| 1.020|Vo| Output Voltage Ta = -25 ~ 85 oC TS2937 0.960|Vo| 8.0 / 5.0 3.3 / 2.5 1.8 1.040|Vo| V Input Supply Voltage -- -- 26 V Output Voltage Temperature Coefficient -- 50 150 ppm/ oC Line Regulation Vo+1V ≤ Vin ≤ 26V -- 0.05 0.5 % Load Regulation 5mA ≤ IL ≤ 500mA -- 0.2 1.0 % Dropout Voltage (Note 4) IL=100mA IL=300mA IL=500mA -- -- -- 100 300 500 200 400 600 mV Quiescent Current (Note 5) IL=100uA IL=300mA IL=500mA -- -- -- 100 12 25 -- -- -- uA mA Short Circuit Current (Note 6) Vout=0 -- 0.9 1.3 A Output Noise, 10Hz to 100KHz, IL=10mA CL=2.2uF CL=3.3uF CL=33uF -- -- -- 500 350 120 -- -- -- uVrms Thermal Performance Condition Package type Typ Unit TO-220 60 TO-263 80 TO-252 150 Thermal Resistance Junction to Ambient SOT-223 170 oC/W Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed Specifications and test conditions see the Electrical Characteristics. Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%). Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction to ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective value of θja can be reduced by using a heatsink. Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current and output load current. Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the maximum specified temperature. |