データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

485.080 データシート(PDF) 5 Page - France Joint

部品番号 485.080
部品情報  WIPER SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

485.080 データシート(HTML) 5 Page - France Joint

  485.080 Datasheet HTML 1Page - France Joint 485.080 Datasheet HTML 2Page - France Joint 485.080 Datasheet HTML 3Page - France Joint 485.080 Datasheet HTML 4Page - France Joint 485.080 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part number
Rod diameter
Ød1 f8/h9
Groove diameter
ØD1 H9
Groove diameter
ØD2 H11
Groove width
L1 0/+0.20
Stepwidth
L2 min
485.280
280.00
296.00
282.50
9.50
5.00
485.290
290.00
306.00
292.50
9.50
5.00
485.300
300.00
316.00
302.50
9.50
5.00
485.310
310.00
326.00
312.50
9.50
5.00
485.320
320.00
336.00
322.50
9.50
5.00
485.330
330.00
346.00
332.50
9.50
5.00
485.340
340.00
356.00
342.50
9.50
5.00
485.350
350.00
366.00
352.50
9.50
5.00
485.360
360.00
376.00
362.50
9.50
5.00
485.370
370.00
386.00
372.50
9.50
5.00
485.380
380.00
396.00
382.50
9.50
5.00
485.390
390.00
406.00
392.50
9.50
5.00
485.400
400.00
424.00
402.50
14.00
8.00
485.450
450.00
474.00
452.50
14.00
8.00
485.500
500.00
524.00
502.50
14.00
8.00
The figures highlighted in bold correspond to the dimensions for standard ISO 6195 Type D, with the rod diameters in line with standard
ISO 3320. Other intermediate sizes can be provided.
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
HYDRAULIC SEALS | WIPER SEALS |
BECA 485



Html Pages

1 2 3 4 5