| データシートサーチシステム |
|
DCS-7308-SFAN-R データシート(PDF) 46 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
DCS-7308-SFAN-R データシート(HTML) 46 Page - Arista Networks, Inc |
|
46 / 66 page ![]() 1 Metal covering Part Numbers Table 16: Fabric and Fan-only Module Part Numbers lists the part numbers of Fabric and Fan-only Modules. Table 16: Fabric and Fan-only Module Part Numbers Switch Model Fabric Module Fan-only Module DCS-7304 (Air Inlet) DCS-7304 (Air Exit) DCS-7304X-FM-R DCS-7304X-FM-F DCS-7304-S-FAN-R DCS-7304-S-FAN-F DCS-7308 (Air Inlet) DCS-7308 (Air Exit) DCS-7308X-FM-F DCS-7308X-FM-R DCS-7308-S-FAN-R DCS-7308-S-FAN-F DCS-7316 (Air Inlet) DCS-7316 (Air Exit) DCS-7316X-FM-F DCS-7316X-FM-R Not Available Not Available DCS-7324 (Air Exit Only) DCS-7324-FM-F Not Supported DCS-7328 (Air Exit Only DCS-7328-FM-F Not Supported B.1 Handling Fabric Modules Figure 32: Locking Mechanism: DCS-7316 Fabric depicts a DCS-7316 chassis with the inner two fabric modules installed. Lock-levers are shown in the open and closed position, along with the button that releases them into the open position. The lock-levers are in the closed position when the switch is in service. 42 |