| データシートサーチシステム |
|
MB89185LPF データシート(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89185LPF データシート(HTML) 21 Page - fujitsu semiconductor |
|
21 / 48 page ![]() MB89180L Series 21 s CPU CORE 1. Memory Space The microcontrollers of the MB89180L series offer a memory space of 64 Kbytes for storing all of I/O, data, and program areas. The I/O area is located at the lowest address. The data area is provided immediately above the I/O area. The data area can be divided into register, stack, and direct areas according to the application. The program area is located at exactly the opposite end, that is, near the highest address. Provide the tables of interrupt reset vectors and vector call instructions toward the highest address within the program area. The memory space of the MB89180L series is structured as illustrated below. Memory Space Vector table (reset, interrupt, vector call instruction) I/O RAM ROM MB89183L 0000H 0080H 0100H 0180H FFC0H FFFFH E000H Access prohibited Registers I/O RAM ROM MB89PV180 0000H 0080H 0100H 0200H 0280H FFC0H FFFFH 8000H Access prohibited Registers I/O RAM ROM MB89185L MB89P185 0000H 0080H 0100H 0180H FFC0H FFFFH C000H Access prohibited Registers External |