データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

841.030 データシート(PDF) 5 Page - France Joint

部品番号 841.030
部品情報  ROTO SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FRANCEJOINT [France Joint]
ホームページ  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

841.030 データシート(HTML) 5 Page - France Joint

  841.030 Datasheet HTML 1Page - France Joint 841.030 Datasheet HTML 2Page - France Joint 841.030 Datasheet HTML 3Page - France Joint 841.030 Datasheet HTML 4Page - France Joint 841.030 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part number
Bore
diameter
Ød1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
841.290
290.00
269.00
8.10
843.290
290.00
274.50
6.30
841.300
300.00
279.00
8.10
843.300
300.00
284.50
6.30
841.310
310.00
289.00
8.10
843.310
310.00
294.50
6.30
841.320
320.00
299.00
8.10
843.320
320.00
304.50
6.30
841.330
330.00
302.00
9.50
843.330
330.00
309.00
8.10
841.340
340.00
312.00
9.50
843.340
340.00
319.00
8.10
841.350
350.00
322.00
9.50
843.350
350.00
329.00
8.10
841.360
360.00
332.00
9.50
843.360
360.00
339.00
8.10
841.370
370.00
342.00
9.50
843.370
370.00
349.00
8.10
841.380
380.00
352.00
9.50
843.380
380.00
359.00
8.10
841.390
390.00
362.00
9.50
843.390
390.00
369.00
8.10
841.400
400.00
372.00
9.50
843.400
400.00
379.00
8.10
841.410
410.00
382.00
9.50
843.410
410.00
389.00
8.10
841.420
420.00
392.00
9.50
843.420
420.00
399.00
8.10
Part number
Bore
diameter
Ød1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
841.430
430.00
402.00
9.50
843.430
430.00
409.00
8.10
841.440
440.00
412.00
9.50
843.440
440.00
419.00
8.10
841.450
450.00
422.00
9.50
843.450
450.00
429.00
8.10
841.460
460.00
432.00
9.50
843.460
460.00
439.00
8.10
841.470
470.00
442.00
9.50
843.470
470.00
449.00
8.10
841.480
480.00
452.00
9.50
843.480
480.00
459.00
8.10
841.490
490.00
462.00
9.50
843.490
490.00
469.00
8.10
841.500
500.00
472.00
9.50
843.500
500.00
479.00
8.10
841.550
550.00
522.00
9.50
843.550
550.00
529.00
8.10
841.600
600.00
572.00
9.50
843.600
600.00
579.00
8.10
841.650
650.00
622.00
9.50
843.650
650.00
629.00
8.10
843.700
700.00
672.00
9.50
843.750
750.00
722.00
9.50
843.800
800.00
772.00
9.50
843.850
850.00
822.00
9.50
843.900
900.00
872.00
9.50
843.950
950.00
922.00
9.50
The figures highlighted in bold correspond to the bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can
be provided.
ROTARY SEALS | ROTO SEALS |
BECA 841 - 843
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5