データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G473QB データシート(PDF) 39 Page - STMicroelectronics

部品番号 STM32G473QB
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473QB データシート(HTML) 39 Page - STMicroelectronics

Back Button STM32G473QB Datasheet HTML 35Page - STMicroelectronics STM32G473QB Datasheet HTML 36Page - STMicroelectronics STM32G473QB Datasheet HTML 37Page - STMicroelectronics STM32G473QB Datasheet HTML 38Page - STMicroelectronics STM32G473QB Datasheet HTML 39Page - STMicroelectronics STM32G473QB Datasheet HTML 40Page - STMicroelectronics STM32G473QB Datasheet HTML 41Page - STMicroelectronics STM32G473QB Datasheet HTML 42Page - STMicroelectronics STM32G473QB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 229 page
background image
DS12712 Rev 5
39/229
STM32G473xB STM32G473xC STM32G473xE
Functional overview
47
3.27
Infrared transmitter
The STM32G473xB/xC/xE devices provide an infrared transmitter solution. The solution is
based on internal connections between TIM16 and TIM17 as shown in the figure below.
TIM17 is used to provide the carrier frequency and TIM16 provides the main signal to be
sent. The infrared output signal is available on PB9 or PA13.
To generate the infrared remote control signals, TIM16 channel 1 and TIM17 channel 1 must
be properly configured to generate correct waveforms. All standard IR pulse modulation
modes can be obtained by programming the two timers output compare channels.
Figure 5. Infrared transmitter
MS30474V2
TIM17_CH1
TIM16_CH1
IRTIM
IR_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More