データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G473RC データシート(PDF) 48 Page - STMicroelectronics

部品番号 STM32G473RC
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473RC データシート(HTML) 48 Page - STMicroelectronics

Back Button STM32G473RC Datasheet HTML 44Page - STMicroelectronics STM32G473RC Datasheet HTML 45Page - STMicroelectronics STM32G473RC Datasheet HTML 46Page - STMicroelectronics STM32G473RC Datasheet HTML 47Page - STMicroelectronics STM32G473RC Datasheet HTML 48Page - STMicroelectronics STM32G473RC Datasheet HTML 49Page - STMicroelectronics STM32G473RC Datasheet HTML 50Page - STMicroelectronics STM32G473RC Datasheet HTML 51Page - STMicroelectronics STM32G473RC Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 229 page
background image
Pinouts and pin description
STM32G473xB STM32G473xC STM32G473xE
48/229
DS12712 Rev 5
4
Pinouts and pin description
4.1
UFQFPN48 pinout description
Figure 6. STM32G473xB/xC/xE UFQFPN48 pinout
1. The above figure shows the package top view.
2. VSS pads are connected to the exposed pad.
MS60210V1
UFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
VBAT
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PA0
PA1
PA2
PA3
PA4
36
35
34
33
32
31
30
29
28
27
26
25
PA13
VDD
PA12
PA11
PA10
PA9
PA8
PC6
PB15
PB14
PB13
PB12
Exposed pad
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More