| データシートサーチシステム |
|
MB90F342CES データシート(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F342CES データシート(HTML) 21 Page - fujitsu semiconductor |
|
21 / 84 page ![]() MB90340E Series 21 (Continued) Type Circuit Remarks M • CMOS level output (IOL = 4 mA, IOH = −4 mA) • CMOS input (with function to disconnect input during standby) • Automotive input (with function to disconnect input during standby) N • CMOS level output (IOL = 4 mA, IOH = −4 mA) • CMOS input (with function to disconnect input during standby) • Automotive input (with function to disconnect input during standby) • TTL input (with function to disconnect input during standby) Programmable pull-up resistor: 50 k Ω approx O • CMOS level output (IOL = 4 mA, IOH = −4 mA) • CMOS input (with function to disconnect input during standby) • Automotive input (with function to disconnect input during standby) • A/D converter analog input CMOS input Automotive input Standby control for input shutdown Pout Nout R P-ch N-ch Pull-up control CMOS input Automotive input TTL input Standby control for input shutdown Pout Nout R N-ch P-ch P-ch CMOS input Automotive input Standby control for input shutdown Analog input Pout Nout R N-ch P-ch |