| データシートサーチシステム |
|
AMC358DMF データシート(PDF) 8 Page - ADDtek Corp |
|
|
|||||||||||||||||||||||||||||
AMC358DMF データシート(HTML) 8 Page - ADDtek Corp |
|
8 / 8 page ![]() AMC358 Copyright © 2006 ADDtek Corp. 8 DD017_E -- JUNE 2006 IMPORTANT NOTICE ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer’s applications, the customer should provide adequate design and operating safeguards. ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of its products to the specifications applicable at the time of sale. ADDtek Corp. 9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105 TEL: 2-25700299 FAX: 2-25700196 |