| データシートサーチシステム |
|
TSL2560CS データシート(PDF) 33 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2560CS データシート(HTML) 33 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
33 / 38 page ![]() TSL2560, TSL2561 LIGHT-TO-DIGITAL CONVERTER TAOS059K − APRIL 2007 33 The LUMENOLOGY r Company r r Copyright E 2007, TAOS Inc. www.taosinc.com MECHANICAL DATA 0.30 + 0.050 2.10 4 + 0.100 2 + 0.100 8 Typ 1.75 + 0.100 5.50 + 0.100 AA B B 12 + 0.100 R 0.20 TYP j 1.50 j 1.50 SIDE VIEW TOP VIEW END VIEW 3.09 MAX 2.90 + 0.100 Ao R 0.20 TYP 1.80 Ko 4.29 MAX 4.10 + 0.100 Bo DETAIL B DETAIL A R 0.20 TYP NOTES: A. All linear dimensions are in millimeters. B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001. D. Each reel is 178 millimeters in diameter and contains 1000 parts. E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B. F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape. G. This drawing is subject to change without notice. Figure 22. TSL2560/TSL2561 TMB Carrier Tape |