| データシートサーチシステム |
|
PLP75 データシート(PDF) 6 Page - Power-One |
|
|
|||||||||||||||||||||||||||||
PLP75 データシート(HTML) 6 Page - Power-One |
|
6 / 6 page ![]() DEC 04, 2006 revised to JAN 30, 2007 Page 6 of 6 www.power-one.com PLP75 AC-DC Series Data Sheet 75 Watts Mechanical Drawing NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice. 5.00 +/- 02 3.00 +/-.02 1.37 +/-.02 1.2 0.1 0.06 4.55 2.55 Ø 0.16 (4 places) Printed Circuit Board fastener clearance area 4 places) safety ground connection point J1 input connector J2 - DC output connector (see pin-out table) TOP VIEW SIDE VIEW END VIEW Pin 1 NEUTRAL Pin 2 missing pin Pin 3 LINE J1 - AC CONN. Pin #1 Pin #1 Pin 1* Vo1 Pin 2 Vo1 Pin 3 Vo1 Pin 4 DC COM Pin 5 DC COM Pin 6 DC COM J2 - DC CON (-1xxx models) safety ground connection point Pin 1 Vo2 Pin 2 Vo1 Pin 3 Vo1 Pin 4 DC COM Pin 5 DC COM Pin 6 Vo3 J2 - DC CON (-3xxx models) |