データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STR750FV1 データシート(PDF) 13 Page - STMicroelectronics

部品番号 STR750FV1
部品情報  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1 データシート(HTML) 13 Page - STMicroelectronics

Back Button STR750FV1 Datasheet HTML 9Page - STMicroelectronics STR750FV1 Datasheet HTML 10Page - STMicroelectronics STR750FV1 Datasheet HTML 11Page - STMicroelectronics STR750FV1 Datasheet HTML 12Page - STMicroelectronics STR750FV1 Datasheet HTML 13Page - STMicroelectronics STR750FV1 Datasheet HTML 14Page - STMicroelectronics STR750FV1 Datasheet HTML 15Page - STMicroelectronics STR750FV1 Datasheet HTML 16Page - STMicroelectronics STR750FV1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Pin Description
13/81
Figure 3.
LQFP64 Pinout
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24
29 30 31 32
25 26 27 28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ADC_IN8 / TIM1_TI1 / P0.29
TIM1_OC1 / P0.28
TEST
VSS_IO_4
UART1_TX / P0.21
UART1_RX / P0.20
JTMS / P1.19
JTCK / P1.18
JTDO / P1.17
JTDI / P1.16
NJTRST
UART2_TX / UART0_RTS / RTCK / P0.13
ADC_IN13 / P1.12
ADC_IN0 / TIM2_OC1 / P0.02
MCO / TIM0_TI1 / P0.01
BOOT0 / TIM0_OC1 / P0.00
VDD_IO_2
P1.03 / TIM2_TI2
P0.14 / CAN_RX or USB_DP
P0.15 / CAN_TX or USB_DN
NRSTIN
NRSTOUT
XRTC2
XRTC1
V18BKP
VSSBKP
VSS18
V18REG
VREG_DIS
VSS_IO_2
VSSA_ADC
VDDA_ADC
LQFP64
= 11 A/D input channels
= 13 External interrupts / Wake-up Lines
V18BKP I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81