データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P992-BK データシート(PDF) 6 Page - Anderson Power Products, Inc.

部品番号 P992-BK
部品情報  SB® 50 Connectors Up to 120 amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APP [Anderson Power Products, Inc.]
ホームページ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P992-BK データシート(HTML) 6 Page - Anderson Power Products, Inc.

  P992-BK Datasheet HTML 1Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 2Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 3Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 4Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 5Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 6Page - Anderson Power Products, Inc. P992-BK Datasheet HTML 7Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ID
Length
Wire Entrance
990
990G1
5905
Self attaching discrete conductor
Bolt on discrete conductor
Bolt on bundled conductors
The given wire O.D. information is an estimate. Cable clamps should be evaluated for performance
with the actual wire to be used.
SB® Environmental Boots
SB® Environmental Boots provide water, dirt, chemical and UV protection for SB® 50
connectors. The durable boots shield the connectors from water and dirt to IP64 in
both the mated and unmated condition.
Description
Part Numbers
Minimum Quantity
250
25
SB® 50 Environmental Boot (with cover), Load
3-6054P2-BK
3-6054P2
SB® 50 Environmental Boot (with cover), Source
3-6055P2-BK
3-6055P2
SB® 50 Environmental Boot (no cover), Load
3-6054P1-BK
3-6054P1
SB® 50 Environmental Boot (no cover), Source
3-6055P1-BK
3-6055P1
Guide Housings for Vertical Mini Powerclaw Contacts
Prevents polarity being reversed when a SB® 50 is mated
to vertical mini Powerclaw contacts.
Description
Part Numbers
Minimum Quantity
1,000
50
Black Guide Housing PC-HSG-SB-BK PC-HSG-SB
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size
AWG or
mm² or
Description
(Inches O.D.)
(mm O.D.)
Part Numbers
Minimum Quantity
500
50
Self Attaching for Discrete Conductor
8 to 6
10 to 16
990-BK
990
Self Attaching for Discrete Conductor
12 to 10
4 to 6
990G2-BK
990G2
Bolt on for Discrete Conductor
12 to 6
4 to 16
990G1-BK
990G1
Bolt on for Bundled Conductor
0.320 to 0.450
4.27 to 11.43
5905-BK
5905
* Torque value 12 (in - lbs) / 1.4 (Nm)
NOTE: For assembly of cable clamp to housing only
Silver Plated Reducing Bushings
Use with contact part number 5900-BK or 1307-BK to allow a smaller wire to be used with the connector.
Electrical capability is derated with smaller wire.
Dimensions
Contact Barrel Size
Wire Size
- ID -
- Length -
AWG
mm²
AWG
mm²
Part Numbers
inches mm inches mm
Minimum Quantity
3,000
1,000
100
6
16
8
8.4
-
5912-BK
5912
0.18 4.57 0.45
11.43
6
16
12 to 10
4 to 6
5910-BK
-
5910
0.14 3.56 0.47
11.94
6
16
16 to 14
1.5 to 2.5
5913-BK
-
5913
0.09 2.29 0.47
11.94
A
B
C
Dimensions
- A -
- B -
- C -
in.
mm
in.
mm
in.
mm
5.9
151.4
1.8
45.1 6.3 160
PCB
SB® 50 Connector
Mini-vertical
Powerclaw
Contacts
Guide
Housing



Html Pages

1 2 3 4 5 6 7