データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AR340 データシート(PDF) 1 Page - Power Semiconductors

部品番号 AR340
部品情報  RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POSEICO [Power Semiconductors]
ホームページ  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AR340 データシート(HTML) 1 Page - Power Semiconductors

  AR340 Datasheet HTML 1Page - Power Semiconductors AR340 Datasheet HTML 2Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER DIODE
AR340
Repetitive voltage up to
2900 V
Mean forward current
1265 A
Surge current
10.1 kA
FINAL SPECIFICATION
nov 02 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
175
2900
V
V RSM
Non-repetitive peak reverse voltage
175
3000
V
I RRM
Repetitive peak reverse current
V=VRRM
175
50
mA
CONDUCTING
I F (AV)
Mean forward current
180° sin ,50 Hz, Th=55°C, double side cooled
1265
A
I F (AV)
Mean forward current
180° sin ,50 Hz, Tc=85°C, double side cooled
1320
A
I FSM
Surge forward current
Sine wave, 10 ms
175
10.1
kA
I² t
I² t
without reverse voltage
510 x 1E3
A²s
V FM
Forward voltage
Forward current =
1200 A
25
1.30
V
V F(TO)
Threshold voltage
175
0.87
V
r F
Forward slope resistance
175
0.330
mohm
SWITCHING
t rr
Reverse recovery time
µs
Q rr
Reverse recovery charge
175
µC
I rr
Peak reverse recovery current
A
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
50
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
15
°C/kW
T j
Operating junction temperature
-30 / 175
°C
F
Mounting force
8.0
/ 9.0
kN
Mass
280
g
ORDERING INFORMATION : AR340 S 29
standard specification
VRRM/100
POSEICO SPA
POwer SEmiconductors Italian COrporation
POSEICO
POSEICO SPA
Via N. Lorenzi 8, 16152 Genova - ITALY
Tel. ++ 39 010 6556234 - Fax ++ 39 010 6557519
Sales Office:
Tel. ++ 39 010 6556775 - Fax ++ 39 010 6442510


同様の部品番号 - AR340

メーカー部品番号データシート部品情報
logo
C&K Components
AR3 CK-COMPONENTS-AR3 Datasheet
130Kb / 2P
Analog Rocker
logo
Sensata Technologies, I...
AR3 SENSATA-AR3 Datasheet
462Kb / 4P
Analog Rocker
logo
FLEXTRAL
AR30 FLEXTRAL-AR30 Datasheet
404Kb / 1P
Multi-Purpose Air/Water
V04.21
AR30-025 FLEXTRAL-AR30-025 Datasheet
404Kb / 1P
Multi-Purpose Air/Water
V04.21
AR30-025MMXF025-BR FLEXTRAL-AR30-025MMXF025-BR Datasheet
404Kb / 1P
Multi-Purpose Air/Water
V04.21
More results

同様の説明 - AR340

メーカー部品番号データシート部品情報
logo
Power Semiconductors
AR1107 POSEICO-AR1107 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR2009 POSEICO-AR2009 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR242 POSEICO-AR242 Datasheet
166Kb / 4P
RECTIFIER DIODE
AR3007 POSEICO-AR3007 Datasheet
256Kb / 4P
RECTIFIER DIODE
AR447PC POSEICO-AR447PC Datasheet
352Kb / 4P
RECTIFIER DIODE
AR509PC POSEICO-AR509PC Datasheet
184Kb / 4P
RECTIFIER DIODE
AR772 POSEICO-AR772 Datasheet
238Kb / 4P
RECTIFIER DIODE
logo
Dynex Semiconductor
DS2106SY DYNEX-DS2106SY Datasheet
93Kb / 7P
Rectifier Diode
DS501ST DYNEX-DS501ST Datasheet
91Kb / 6P
Rectifier Diode
DS502ST DYNEX-DS502ST Datasheet
95Kb / 7P
Rectifier Diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com