データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LRI64-A1S データシート(PDF) 21 Page - STMicroelectronics

部品番号 LRI64-A1S
部品情報  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S データシート(HTML) 21 Page - STMicroelectronics

Back Button LRI64-A1S Datasheet HTML 17Page - STMicroelectronics LRI64-A1S Datasheet HTML 18Page - STMicroelectronics LRI64-A1S Datasheet HTML 19Page - STMicroelectronics LRI64-A1S Datasheet HTML 20Page - STMicroelectronics LRI64-A1S Datasheet HTML 21Page - STMicroelectronics LRI64-A1S Datasheet HTML 22Page - STMicroelectronics LRI64-A1S Datasheet HTML 23Page - STMicroelectronics LRI64-A1S Datasheet HTML 24Page - STMicroelectronics LRI64-A1S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LRI64
LRI64 states
21/52
12
LRI64 states
A LRI64 can be in any one of three states:
●
Power-off
●
Ready
●
Quiet
Transitions between these states are as specified in Figure 19.
12.1
Power-off state
The LRI64 is in the Power-off state when it receives insufficient energy from the VCD.
12.2
Ready state
The LRI64 is in the Ready state when it receives enough energy from the VCD. It answers to
any Request in Addressed and Non-addressed modes.
12.3
Quiet state
When in the Quiet State, the LRI64 answers to any Request in Addressed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52