データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLN.M06.GLNN データシート(PDF) 3 Page - LEMO Connectors

部品番号 SLN.M06.GLNN
部品情報  REDEL SP - Inner Push-Pull
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEMO [LEMO Connectors]
ホームページ  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

SLN.M06.GLNN データシート(HTML) 3 Page - LEMO Connectors

  SLN.M06.GLNN Datasheet HTML 1Page - LEMO Connectors SLN.M06.GLNN Datasheet HTML 2Page - LEMO Connectors SLN.M06.GLNN Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-sp-inner-push-pull/sln-m06-glnn.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Drawings
Dimensions
a
B
N
e
mm.
2.2
18.5
23.5
M14x1
in.
0.09
0.73
0.93



Html Pages

1 2 3