データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC405EP-3LB266C データシート(PDF) 29 Page - Applied Micro Circuits Corporation

部品番号 PPC405EP-3LB266C
部品情報  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB266C データシート(HTML) 29 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB266C Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EP-3LB266C Datasheet HTML 33Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
29
Data Sheet
Signal List
The following table provides a summary of the number of package pins associated with each functional interface
group.
In the table “Signal Functional Description” on page 31, each external signal is listed along with a short description
of the signal function. Active-low signals (for example, RAS) are marked with an overline. Please see “Signals
Listed Alphabetically” on page 13 for the pin (ball) number to which each signal is assigned.
Multiplexed Pins
Some signals are multiplexed on the same package pin (ball) so that the pin can be used for different functions. In
most cases, the signal names shown in this table are not accompanied by signal names that may be multiplexed
on the same pin. If you need to know what, if any, signals are multiplexed with a particular signal, look up the name
in “Signals Listed Alphabetically” on page 13. It is expected that in any single application a particular pin will always
be programmed to serve the same function. The flexibility of multiplexing allows a single chip to offer a richer pin
selection than would otherwise be possible.
In addition to multiplexing, many pins are also multi-purpose. For example, in the PCI interface PCIC3:0/BE3:0
serves as both Command and Byte Enable signals. In this example, the pins are also bidirectional, serving as both
inputs and outputs.
Initialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Initialization” on page 48). Note that the
use of these pins for strapping is not considered multiplexing since the strapping function is not programmable.
Pull-Up and Pull-Down Resistors
Pull-up and pull-down resistors are used for strapping during reset and to retain unused or undriven inputs in an
appropriate state. The recommended pull-up value of 3k
Ω to +3.3V (10kΩ to +5V can be used on 5V tolerant I/Os)
and pull-down value of 1k
Ω to GND, applies only to individually terminated signals. To prevent possible damage to
the device, I/Os capable of becoming outputs must never be tied together and terminated through a common
resistor.
If your system-level test methodology permits, input-only signals can be connected together and terminated
through either a common resistor or directly to +3.3V or GND. When a resistor is used, its value must ensure that
the grouped I/Os reach a valid logic zero or logic one state when accounting for the total input current into the
PPC405EP.
Table 5. Pin Summary
Group
No. of Pins
Non multiplexed
215
Multiplexed
33
Total Signal Pins
248
OVDD
43
VDD
16
Gnd
53
Thermal (and Gnd)
25
Reserved
0
Total Pins
385



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com