データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

440SP データシート(PDF) 25 Page - Applied Micro Circuits Corporation

部品番号 440SP
部品情報  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP データシート(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 21Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 22Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 23Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 24Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 25Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 26Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 27Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 28Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
25
Data Sheet
IIC0SClk
D09
IIC Peripheral
60
IIC0SDA
E08
IIC1SClk
F08
IIC1SDA
E10
IRQ0 [GPIO11] [TrcTS2]
C07
Interrupts
60
IRQ1 [GPIO12] [TrcTS3]
C06
IRQ2 [GPIO13] [TrcTS4]
A05
IRQ3 [GPIO14] [TrcTS5]
C05
IRQ4 [GPIO15] [TrcTS6]
D06
IRQ5 [GPIO16] [UART2_Rx]
D05
MemAddr00
AF23
DDR SDRAM
58
MemAddr01
AE21
MemAddr02
AD19
MemAddr03
AE19
MemAddr04
AH22
MemAddr05
AH23
MemAddr06
AE22
MemAddr07
AF21
MemAddr08
AF22
MemAddr09
AG23
MemAddr10
AG21
MemAddr11
AF19
MemAddr12
AH20
MemAddr13
AH21
MemAddr14
AF24
MemClkOut0
AG26
MemClkOut0
AG25
MemClkOut1
AH26
MemClkOut1
AH27
Table 3. Signals Listed Alphabetically (Sheet 9 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85