| データシートサーチシステム |
|
PPC440SP-RNC533C データシート(PDF) 17 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SP-RNC533C データシート(HTML) 17 Page - Applied Micro Circuits Corporation |
|
17 / 85 page ![]() PowerPC 440SP Embedded Processor Revision 1.23 - Sept 26, 2006 AMCC Proprietary 17 Data Sheet Signal Lists This section contains two tables that list external signals. Table 3 lists all the external signals in alphabetical order and shows the ball (pin) number on which the signal appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate signal or signals in brackets. Multiplexed signals appear alphabetically multiple times in the list—once for each signal name on the ball. The page number listed gives the page in “Signal Functional Description” on page 56 where the signals in the indicated interface group begin. Table 4 on page 47 lists all the external signals in order by ball (pin) number. Signal List—Alphabetic Order Table 3. Signals Listed Alphabetically (Sheet 1 of 30) Signal Name Ball Interface Group Page A1GND B01 Power 62 A2GND AG28 A1VDD C01 A2VDD AF28 AP0GND AG01 AP0VDD AF01 AP1GND B28 AP1VDD C28 AP2GND T01 AP2VDD R01 BA0 AD21 DDR SDRAM 58 BA1 AE20 BA2 AE25 BankSel0 T23 BankSel1 P22 CAS AH25 ClkEn0 AE23 ClkEn1 AE24 |