| データシートサーチシステム |
|
PPC440SPE-RNB533C データシート(PDF) 42 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB533C データシート(HTML) 42 Page - Applied Micro Circuits Corporation |
|
42 / 80 page ![]() PowerPC 440SPe Embedded Processor 42 AMCC Proprietary Revision 1.23 - Sept 21, 2006 Preliminary Data Sheet Signal List—Ball Assignment Order In the following table, only the primary (default) signal name is shown for each pin. Multiplexed pins are marked with an asterisk (*). To determine the other signals that share a pin, look up the primary signal name in Table 3 on page 17. Table 4. Signals Listed by Ball Assignment (Sheet 1 of 7) Ball Signal name Ball Signal name Ball Signal name Ball Signal name A01 No ball B01 EMCRxClk C01 EMCTxEn D01 GND A02 IRQ9 * B02 EMCMDIO C02 EMCTxClk D02 EMCTxErr A03 PerPar1 B03 PerData13 C03 EMCTxD0 D03 EMCCrS A04 GND B04 PerBE1 C04 PerData11 D04 VDD A05 EMCTxD3 B05 PerData02 C05 EMCTxD5 D05 PerData10 A06 PerAddr22 B06 PerPar0 C06 PerData04 D06 PerData15 A07 OVDD B07 PerAddr18 C07 PerBE0 D07 GND A08 PerAddr17 B08 UART0_CTS C08 PerAddr21 D08 PerAddr23 A09 PCIX0M66En B09 PerAddr15 C09 PerAddr16 D09 UART0_Tx A10 GND B10 EMCTxD7 C10 PerAddr14 D10 VDD A11 SysPartSel B11 ExtReset C11 PerCS1 D11 PerAddr13 A12 UART1_Rx B12 UART1_Tx C12 UART0_DSR D12 UART0_Rx A13 OVDD B13 SYSPLLV C13 UART0_DTR D13 GND A14 OVDD B14 SYSPLLG C14 UART0_RI D14 GND A15 PerAddr8 B15 PerAddr2 C15 PerCS0 D15 PerAddr3 A16 PerWE B16 PerAddr10 C16 SYSCLK D16 PerBLast A17 GND B17 PerAddr26 C17 PerClk D17 VDD A18 PCIE1_TX3 B18 PCIE1_TX3 C18 PCIE1_TX2 D18 PCIE1_TX2 A19 PCIE1_RX3 B19 PCIE1_RX3 C19 PCIE1_RX2 D19 PCIE1_RX2 A20 OVDD B20 PCIE1_TX1 C20 PCIE1_RX1 D20 GND A21 PCIE1_TX1 B21 PCIE1_RX1 C21 PCIE1_TX0 D21 PCIE1_TX0 A22 PerAddr24 B22 MemData63 C22 GPIO28_IRQ12 D22 MemData54 A23 GND B23 MemData61 C23 DM7 D23 VDD A24 MemData59 B24 MemData58 C24 MemData56 D24 MemData55 A25 MemData62 B25 DQS7 C25 DQS7 D25 MemData53 A26 OVDD B26 MemData60 C26 MemData57 D26 GND |