| データシートサーチシステム |
|
PPC440SPE-RNB667C データシート(PDF) 10 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440SPE-RNB667C データシート(HTML) 10 Page - Applied Micro Circuits Corporation |
|
10 / 80 page ![]() PowerPC 440SPe Embedded Processor 10 AMCC Proprietary Revision 1.23 - Sept 21, 2006 Preliminary Data Sheet – 166MHz, maximum 5.2GB/s (simultaneous read and write) – Processor vs Bus clock ratios of N:1 and N:2 •OPB – Dynamic bus sizing: 32, 16, and 8-bit data path – 32-bit address – 83.33MHz, maximum 333MB/s • DCR – Register control bus – 32-bit data path – 10-bit address On-Chip SRAM/L2 Cache Features include: • Four banks of 64KB each for a total of 256KB • Configurable as either L2 cache or SRAM • Memory cycles supported: – Single beat read and write, 1 to 16 bytes – Quadword Read and Write burst for 12-bit master – Guarded memory accesses on 4KB boundaries • Sustainable 2.6GB/s peak bandwidth at 166MHz • Use as an L2 cache improves processor performance and reduces the PLB load – Cache coherency maintained by a hardware snoop mechanism on the Low Latency (LL) PLB or by software – Data Array and Tag Array parity – Unified data and instruction cache – Four-way set associative – 36-bit addressing – Full LRU replacement algorithm – Write through, look aside • Use as Ethernet packet store allows Ethernet packets to be held for processing by the Ethernet core PCI Express Features include: • Three independent PCI Express interfaces – One 8 lanes –Two 4 lanes – 2.5 GB/sec full duplex per lane • Compliant with PCI Express base specification 1.0a • Each PCI Express port can be End Point or Root Complex. (Upstream & Downstream) – Applications compliant with MSI rules are limited to one End Point port per PPC440SPe • PCI-Express to PCI-Express opaque (Non-Transparent) bridge • Power Management • Supports one virtual channel (VC0) no Traffic Class (TC) filtering • Maximum Payload block size 512 Bytes • Supports up to 1024 byte maximum Read request size • Requests supported: – up to 4 posted outbound Write requests (memory and messages) – up to 4 posted inbound Write requests – up to 4 outbound Read requests outstanding on PCI Express – up to 4 inbound Read requests outstanding on PCI Express – Outbound I/O request as a PCI Express Root Port – Inbound I/O request as a PCI Express End Point |