| データシートサーチシステム |
|
PPC440EP データシート(PDF) 36 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440EP データシート(HTML) 36 Page - Applied Micro Circuits Corporation |
|
36 / 84 page ![]() 36 AMCC Proprietary 440EP – PPC440EP Embedded Processor Revision 1.26 – April 25, 2007 Data Sheet PerData00 H01 External Slave Peripheral 53 PerData01 K04 PerData02 G01 PerData03 J03 PerData04 J04 PerData05 H03 PerData06 E01 PerData07 G03 PerData08 H04 PerData09 E02 PerData10 D01 PerData11 F03 PerData12 C01 PerData13 F04 PerData14 E03 PerData15 B01 [PerErr]GPIO11 E04 External Master Peripheral 53 PerOE B03 External Slave Peripheral 53 PerReady C05 External Slave Peripheral 53 PerR/W D05 External Slave Peripheral 53 PerWBE0 H02 External Slave Peripheral 53 PerWBE1 C04 PSROOut C26 System 57 RAS K02 DDR SDRAM 51 [RcvrInh]USB2RxAct[HoldReq] Y23 System 57 [RefEn]USB2TxRdy W23 System 57 [RejectPkt]USB2LS0[DrvrInh1] Y25 Ethernet 52 SAGND AF15 Power 58 SAVDD AE14 SCPClkOut[IIC1SClk] U24 Serial Peripheral (SPI) 56 SCPDI[IIC1SData] V25 SCPDO T23 Table 3. Signals Listed Alphabetically (Sheet 20 of 24) Signal Name Ball Interface Group Page |