データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

440EPX データシート(PDF) 39 Page - Applied Micro Circuits Corporation

部品番号 440EPX
部品情報  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440EPX データシート(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button 440EPX Datasheet HTML 35Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 36Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 37Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 38Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 39Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 40Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 41Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 42Page - Applied Micro Circuits Corporation 440EPX Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
39
Preliminary Data Sheet
PerData00
C14
External Slave Peripheral
60
PerData01
D14
PerData02
A13
PerData03
B13
PerData04
C13
PerData05
D13
PerData06
A12
PerData07
C12
PerData08
A11
PerData09
D12
PerData10
B11
PerData11
C11
PerData12
D11
PerData13
A10
PerData14
B10
PerData15
C10
PerData16[USB2DO0]
E03
PerData17[USB2DO1]
C01
PerData18[USB2DO2]
D02
PerData19[USB2DO3]
E04
PerData20[USB2DO4]
D01
PerData21[USB2DO5]
E01
PerData22[USB2DO6]
F04
PerData23[USB2DO7]
F03
PerData24[USB2DI0]
F02
PerData25[USB2DI1]
F01
PerData26[USB2DI2]
G03
PerData27[USB2DI3]
G04
PerData28[USB2DI4]
G02
PerData29[USB2DI5]
G01
PerData30[USB2DI6]
H04
PerData31[USB2DI7]
H03
[PerDataPar0]GPIO36[UART0_CTS/UART3_Rx]
A29
[PerDataPar1]GPIO37[UART0_RTS//UART3_Tx]
B29
[PerDataPar2]GPIO32[USB2OM0]
R03
[PerDataPar3]GPIO33[USB2OM1]
R04
[PerErr]GPIO11
C07
External Master Peripheral
60
PerOE
B14
External Slave Peripheral
60
PerReady
C17
External Slave Peripheral
60
Table 5. Signals Listed Alphabetically (Sheet 19 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94