データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC440GP-3CC400C データシート(PDF) 47 Page - Applied Micro Circuits Corporation

部品番号 PPC440GP-3CC400C
部品情報  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400C データシート(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400C Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3CC400C Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
47
Revision 1.07 – October 4, 2007
Data Sheet
Strapping Pins
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 80). Note that
these are not multiplexed pins since the function of the pins is not programmable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83