| データシートサーチシステム |
|
PPC440GP-3CC500C データシート(PDF) 47 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC440GP-3CC500C データシート(HTML) 47 Page - Applied Micro Circuits Corporation |
|
47 / 83 page ![]() 440GP – Power PC 440GP Embedded Processor AMCC 47 Revision 1.07 – October 4, 2007 Data Sheet Strapping Pins One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only during reset and are used for other functions during normal operation (see “Strapping” on page 80). Note that these are not multiplexed pins since the function of the pins is not programmable. |