| データシートサーチシステム |
|
PPC405GP-3FE266C データシート(PDF) 5 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3FE266C データシート(HTML) 5 Page - Applied Micro Circuits Corporation |
|
5 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 5 Revision 2.03 – September 7, 2007 Data Sheet Order Part Number Key Part Number PPC405GP-3BE266Cx Package Processor Speed Grade 3 Reliability Operational Case Temperature Revision Level Shipping Package Blank = Tray Z = Tape and reel (-40°C to +85°C) Range 200MHz 266MHz B: 35mm, 456 E-PBGA D: 27mm, 456 E-PBGA E: 25mm, 413 E-PBGA 133MHz F: 35mm, 456 E-PBGA lead-free K: 27mm, 456 E-PBGA lead-free |