| データシートサーチシステム |
|
PPC405GP-3EE266CZ データシート(PDF) 23 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405GP-3EE266CZ データシート(HTML) 23 Page - Applied Micro Circuits Corporation |
|
23 / 59 page ![]() 405GP – Power PC 405GP Embedded Processor AMCC 23 Revision 2.03 – September 7, 2007 Data Sheet PerAddr0 PerAddr1 PerAddr2 PerAddr3 PerAddr4 PerAddr5 PerAddr6 PerAddr7 PerAddr8 PerAddr9 PerAddr10 PerAddr11 PerAddr12 PerAddr13 PerAddr14 PerAddr15 PerAddr16 PerAddr17 PerAddr18 PerAddr19 PerAddr20 PerAddr21 PerAddr22 PerAddr23 PerAddr24 PerAddr25 PerAddr26 PerAddr27 PerAddr28 PerAddr29 PerAddr30 PerAddr31 G7 J12 C11 C3 A2 C4 B3 D6 C5 B4 D7 A3 D8 D9 B5 A4 C8 C9 A5 B7 B8 A7 B10 B11 C12 A9 B12 A10 A12 A14 B13 G12 D5 A3 B4 B5 D6 B6 C6 D7 A5 B7 C7 D8 B8 C8 D9 A8 C9 D10 C10 A10 D11 B12 D13 D12 B13 A12 A13 C14 A14 A15 C15 D15 External Slave Peripheral Note: PerAddr0 is the most significant bit (msb) on this bus. 37 PerBLast D3 F2 External Slave Peripheral 37 PerClk J9 E4 External Master Peripheral 39 PerCS0 PerCS1[GPIO10] PerCS2[GPIO11] PerCS3[GPIO12] PerCS4[GPIO13] PerCS5[GPIO14] PerCS6[GPIO15] PerCS7[GPIO16] G11 H11 G8 D5 C7 D10 B6 C10 B3 C4 C5 A4 B9 B10 A9 B11 External Slave Peripheral 37 Signals Listed Alphabetically (Part 7 of 10) Signal Name 413-Ball 456-Ball Interface Group Page |