データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PPC440GP-3RC500CZ データシート(PDF) 33 Page - Applied Micro Circuits Corporation

部品番号 PPC440GP-3RC500CZ
部品情報  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3RC500CZ データシート(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3RC500CZ Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
33
Revision 1.07 – October 4, 2007
Data Sheet
PCIXStop
L12
PCI-X
48
PCIXTRDY
C12
PCI-X
48
PerAddr00
D11
External Slave Peripheral
Note: PerAddr00 is the most significant bit (msb) on this bus.
50
PerAddr01
C11
PerAddr02
B11
PerAddr03
A12
PerAddr04
A19
PerAddr05
D18
PerAddr06
E11
PerAddr07
M03
PerAddr08
N01
PerAddr09
E14
PerAddr10
C20
PerAddr11
A16
PerAddr12
A13
PerAddr13
B14
PerAddr14
C14
PerAddr15
D14
PerAddr16
B20
PerAddr17
L15
PerAddr18
L21
PerAddr19
L22
PerAddr20
M22
PerAddr21
M01
PerAddr22
L24
PerAddr23
P24
PerAddr24
T19
PerAddr25
R24
PerAddr26
U22
PerAddr27
U24
PerAddr28
N03
PerAddr29
V20
PerAddr30
V23
PerAddr31
V21
Signals Listed Alphabetically (Sheet 16 of 22)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83