データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM263P4 データシート(PDF) 36 Page - Texas Instruments

部品番号 AM263P4
部品情報  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM263P4 データシート(HTML) 36 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 32Page - Texas Instruments AM263P4 Datasheet HTML 33Page - Texas Instruments AM263P4 Datasheet HTML 34Page - Texas Instruments AM263P4 Datasheet HTML 35Page - Texas Instruments AM263P4 Datasheet HTML 36Page - Texas Instruments AM263P4 Datasheet HTML 37Page - Texas Instruments AM263P4 Datasheet HTML 38Page - Texas Instruments AM263P4 Datasheet HTML 39Page - Texas Instruments AM263P4 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 164 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
C18
C18
C18
PR0_PRU1_GPIO9
PR0_PRU1_GPIO9_CFG_REG
0x5310 01A0
0x0000 05F7
PR0_PRU1_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_CLK
2
IO
PR0_UART0_RXD
3
I
TRC_DATA1
4
O
EPWM30_B
5
O
GPIO104
7
IO
ADC_EXTCH_XBAROUT7
9
O
D17
D17
D17
PR0_PRU1_GPIO10
PR0_PRU1_GPIO10_CFG_REG
0x5310 01A4
0x0000 05F7
PR0_PRU1_GPIO10
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI5_D0
2
IO
PR0_UART0_TXD
3
O
TRC_DATA2
4
O
EPWM31_A
5
O
GPIO105
7
IO
RES0_PWMOUT0
8
O
EPWM31_A
10
O
B18
B18
B18
PR0_PRU1_GPIO11
PR0_PRU1_GPIO11_CFG_REG
0x5310 01CC
0x0000 05F7
PR0_PRU1_GPIO11
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN6_RX
1
I
SPI6_CS0
2
IO
FSITX3_DATA1
3
O
TRC_DATA12
4
O
EPWM16_A
5
O
GPIO115
7
IO
B17
B17
B17
PR0_PRU1_GPIO12
PR0_PRU1_GPIO12_CFG_REG
0x5310 01D0
0x0000 05F7
PR0_PRU1_GPIO12
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN6_TX
1
O
SPI6_CLK
2
IO
FSIRX3_CLK
3
I
TRC_DATA13
4
O
EPWM16_B
5
O
GPIO116
7
IO
D16
D16
D16
PR0_PRU1_GPIO13
PR0_PRU1_GPIO13_CFG_REG
0x5310 01D4
0x0000 05F7
PR0_PRU1_GPIO13
0
IO
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
MCAN7_RX
1
I
SPI6_D0
2
IO
FSIRX3_DATA0
3
I
TRC_DATA14
4
O
XBAROUT11
5
O
GPIO117
7
IO
RES0_PWMOUT0
8
O
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More