データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58PR256LE データシート(PDF) 77 Page - STMicroelectronics

部品番号 M58PR256LE
部品情報  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE データシート(HTML) 77 Page - STMicroelectronics

Back Button M58PR256LE Datasheet HTML 73Page - STMicroelectronics M58PR256LE Datasheet HTML 74Page - STMicroelectronics M58PR256LE Datasheet HTML 75Page - STMicroelectronics M58PR256LE Datasheet HTML 76Page - STMicroelectronics M58PR256LE Datasheet HTML 77Page - STMicroelectronics M58PR256LE Datasheet HTML 78Page - STMicroelectronics M58PR256LE Datasheet HTML 79Page - STMicroelectronics M58PR256LE Datasheet HTML 80Page - STMicroelectronics M58PR256LE Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
DC and AC parameters
77/119
Figure 13.
Single synchronous read AC waveforms
Figure 14.
Clock input AC waveform
AI12863b
E
G
A0-Amax
L
WAIT(1,2)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
Note 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
2. Address latched and data output on the rising clock edge.
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ
tLLTV
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More