データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M58PR512LE データシート(PDF) 86 Page - STMicroelectronics

部品番号 M58PR512LE
部品情報  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR512LE データシート(HTML) 86 Page - STMicroelectronics

Back Button M58PR512LE Datasheet HTML 82Page - STMicroelectronics M58PR512LE Datasheet HTML 83Page - STMicroelectronics M58PR512LE Datasheet HTML 84Page - STMicroelectronics M58PR512LE Datasheet HTML 85Page - STMicroelectronics M58PR512LE Datasheet HTML 86Page - STMicroelectronics M58PR512LE Datasheet HTML 87Page - STMicroelectronics M58PR512LE Datasheet HTML 88Page - STMicroelectronics M58PR512LE Datasheet HTML 89Page - STMicroelectronics M58PR512LE Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
Block address tables
M58PR256LE, M58PR512LE, M58PR001LE
86/119
Appendix A
Block address tables
The following set of equations can be used to calculate a complete set of block addresses
using the information contained in tables 36, 37, 38, 39, 40 and 41.
To calculate the block base address from the block number:
First it is necessary to calculate the bank number and the block number offset. This can be
achieved using the following formulas:
For the M58PR256LE:
Bank_Number = Block_Number / 16
Block_Number_Offset = Block_Number - (Bank_Number x 16)
For the M58PR512LE:
Bank_Number = Block_Number / 32
Block_Number_Offset = Block_Number - (Bank_Number x 32)
For the M58PR001LE:
Bank_Number = Block_Number / 64
Block_Number_Offset = Block_Number - (Bank_Number x 64)
The Block Base Address is calculated using the formula below:
Block_Base_Address = Bank_Base_Address + Block_Base_Address_Offset
To calculate the Bank number and the Block Number from the Block Base Address:
The Block Number, Bank Number and Block Number Offset can be calculated using the
formulas below:
For the M58PR256LE:
Block_Number = address / 216
Bank_Number = Block_Number / 16
Block_Number_Offset = Block_Number
− (Bank_Number x 16)
For the M58PR512LE:
Block_Number = address / 232
Bank_Number = Block_Number / 32
Block_Number_Offset = Block_Number
− (Bank_Number x 32)
For the M58PR001LE:
Block_Number = address / 264
Bank_Number = Block_Number / 64
Block_Number_Offset = Block_Number - (Bank_Number x 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More