データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN2524 データシート(PDF) 5 Page - Supertex, Inc

部品番号 TN2524
部品情報  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2524 データシート(HTML) 5 Page - Supertex, Inc

  TN2524_07 Datasheet HTML 1Page - Supertex, Inc TN2524_07 Datasheet HTML 2Page - Supertex, Inc TN2524_07 Datasheet HTML 3Page - Supertex, Inc TN2524_07 Datasheet HTML 4Page - Supertex, Inc TN2524_07 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TN2524
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TN2524
A101207
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.13
1.50
BSC
3.00
BSC
3.94
0.89
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
Drawings not to scale.
4
2
1
D
E H
e1
e
b1
3
D1
E1
A
C
L
Top View
Side View
b



Html Pages

1 2 3 4 5