| データシートサーチシステム |
|
SC11233CSK.TR データシート(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC11233CSK.TR データシート(HTML) 3 Page - Semtech Corporation |
|
3 / 5 page ![]() 3 ã 2001 Semtech Corp. www.semtech.com SC112 POWER MANAGEMENT PRELIMINARY Note: (1) As the load resistance further decreases, the SC112 folds back the output current to approximately 100mA at VO = 0V. Electrical Characteristics (Cont.) Unless specified: T A = 25°C, VIN = (VO(NOM) + 1V), CIN = 1µF, CBYP = 10nF, CO = 1µF. Values in bold apply over full operating temperature range. r e t e m a r a Pl o b m y Ss n o it i d n o C t s e Tn i Mp y Tx a Ms ti n U ). t n o C ( O V n o it a l u g e R d a o LG E R ) D A O L ( I O A m 0 6 o t A m 1 =5 . 7 5 3 V m I O A m 0 0 1 o t A m 1 =0 2 5 6 I O A m 0 5 1 o t A m 1 =5 3 0 1 1 t n e i c if f e o C e r u t a r e p m e T D / O V DT I O A m 0 1 =0 4C ° / m p p ti m i L t n e rr u C ) 1 ( I M I L 0 8 1 0 0 2A m e g a tl o V t u o p o r DV D I O A m 0 6 =0 3 10 5 1V m 0 8 1 I O A m 0 0 1 =5 6 15 9 1 5 2 2 I O A m 0 5 1 =0 0 25 4 2 5 7 2 o it a R n o it c e j e R y l p p u S r e w o PR R S PV C A V m 0 0 1 = S M R I , z H 0 0 4 = f , O A m 0 3 = 0 6B d e g a tl o V e s i o N t u p t u Oe n z H 0 1 £ f £ I , z H k 0 8 O A m 0 6 = 0 3V µ S M R P Y B e g a tl o V l a n i m r e T s s a p y B e s i o NV P Y B 0 5 2 . 1V N E e g a tl o V d l o h s e r h T t u p n I e l b a n EV H I N O t u p t u O 8 . 1 V V L I F F O t u p t u O 5 . 0 t n e rr u C s a i B t u p n I e l b a n EI N E V N E N O t u p t u O , V 8 . 1 =6 0 1 A µ |