| データシートサーチシステム |
|
REF5040-EP データシート(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF5040-EP データシート(HTML) 35 Page - Texas Instruments |
|
35 / 49 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Dec-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples REF5040AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 A Samples REF5040AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50D Samples REF5040AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50D Samples REF5040AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5040 A Samples REF5040ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 Samples REF5040IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50D Samples REF5040IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50D Samples REF5040IDR ACTIVE SOIC D 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5040 Samples REF5045AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 A Samples REF5045AIDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 R50E Samples REF5045AIDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI | NIPDAU Level-2-260C-1 YEAR -40 to 125 R50E Samples REF5045AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 REF 5045 A Samples REF5045ID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 Samples REF5045IDGKR ACTIVE VSSOP DGK 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50E Samples REF5045IDGKT ACTIVE VSSOP DGK 8 250 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 R50E Samples REF5045IDR ACTIVE SOIC D 8 2500 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5045 Samples REF5050AID ACTIVE SOIC D 8 75 RoHS & Green Call TI Level-2-260C-1 YEAR -40 to 125 REF 5050 A Samples Addendum-Page 3 |