| データシートサーチシステム |
|
SC2647SWTR データシート(PDF) 4 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2647SWTR データシート(HTML) 4 Page - Semtech Corporation |
|
4 / 11 page ![]() 4 © 2006 Semtech Corp. www.semtech.com POWER MANAGEMENT SC2647 Electrical Characteristics (Cont.) Unless specified: V CC = 5V, VID=1.30V (110110,VRD10) or 1.50V (101110,VRD10), FOSC = 600kHz, TA = 27 oC. See Typical Application Circuit. r e t e m a r a Ps n o i t i d n o C t s e Tn i Mp y Tx a Ms t i n U r e i f i l p m A r o r r E e g a t l o V e g a t l o V t e s f f O t u p n I 3 - / +V m t n e r r u C s a i B t u p n I 5 2A n n i a G p o o L n e p OV < V 1 T U O R R E V 6 . 3 <0 8B d h t d i w d n a B n i a G y t i n UC T U O R R E F p 0 1 =0 1z H M e t a R w e l S 2/ V μS n i a G e c n a t c u d n o c s n a r T 5 . 0V / A m s r e i f i l p m A e s n e S t n e r r u C e g a t l o V t e s f f O t u p n I 3 - / +V m t n e r r u C s a i B t u p n I 0 5A n n i a G 5 . 9V / V R R M CV 3 o t 00 8B d e g n a R e d o M n o m m o C t u p n I 3 . 0 -3 V h c t a M n i a G 2% h t d i w d n a B 6z H M r e i f i l p m A p o o r D n i a G 2 . 5V / V s D I V d l o h s e r h T c i g o L] 4 : 0 D I V [2 . 18 . 1V e c n a d e p m I p u - ll u P] 4 : 0 D I V [0 1m h o K 0 1 M R V / D R V r o f d l o h s e r h T c i g o L 5 D I V5 D I V2 . 18 . 1V e g a t l o v g n i p m a l C 5 D I V 7 . 2V X . 9 M R V r o f d l o h s e r h T n o i t c e l e S 5 D I Vk n i S / 5 D I V9 4A u 8 - K r o f d l o h s e r h T n o i t c e l e S 5 D I Vk n i S / 5 D I V5 0 2A u n o i t a r e p O e s a h P - 3 d l o h s e r h T p u ll u p 4 t u p t u O 7 . 31 . 4V d o o G r e w o P g n i s i R d l o h s e r h T d l o h s e r h T d o o G r e w o P - D I V0 3 3V m g n il l a F d l o h s e r h T d l o h s e r h T d o o G r e w o P - D I V0 6 5V m e g a k a e L h g i H t u p t u OV = d o o g r w P C C 0 0 1A n k n i S w o L t u p t u OV 8 . 0 = d o o g r w P2 A m n o i t c e S t i m i L t n e r r u C t i m i L t n e r r u C r o f e g a t l o V p m A r o r r E . x a M 6 . 3V e g a t l o V n w o d t u h S d l o h s e r h T n w o D t u h S - D I V0 0 6V m |