| データシートサーチシステム |
|
74LS92-3 データシート(PDF) 2 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS92-3 データシート(HTML) 2 Page - SYC Electronica |
|
2 / 6 page ![]() SN54/74LS90 • SN54/74LS92 • SN54/74LS93 LOGIC DIAGRAM MS1 MS2 MR1 MR2 CP0 CP1 Q0 Q1 Q2 Q3 MR1 CP0 CP1 Q0 Q1 Q2 Q3 MR2 LS90 MR1 CP0 CP1 Q0 Q1 Q2 Q3 MR2 SD J CP K Q Q CD SD R CP S Q Q CD SD J CP K Q Q CD SD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD J CP K Q Q CD 14 11 12 1 2 6 7 9 3 8 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q3 GND Q1 Q2 CP1 MR1 MR2 NC VCC MS1 MS2 CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 14 1 6 7 12 11 9 8 LOGIC DIAGRAM LS92 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q1 GND Q2 Q3 CP1 NC NC NC VCC MR1 MR2 CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. LOGIC DIAGRAM LS93 VCC = PIN 5 GND = PIN 10 = PIN NUMBERS VCC = PIN 5 GND = PIN 10 = PIN NUMBERS VCC = PIN 5 GND = PIN 10 = PIN NUMBERS 14 1 2 3 12 9 8 11 14 13 12 11 10 9 1 2 3 4 5 6 8 7 CP0 NC Q0 Q3 GND Q1 Q2 CP1 MR1 MR2 NC VCC NC NC CONNECTION DIAGRAM DIP (TOP VIEW) NC = NO INTERNAL CONNECTION NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. www.sycelectronica.com.ar |