| データシートサーチシステム |
|
ADP1828YRQZ-R7 データシート(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1828YRQZ-R7 データシート(HTML) 29 Page - Analog Devices |
|
29 / 32 page ![]() ADP1828 Rev. 0 | Page 29 of 32 To achieve an accurate output voltage, proper grounding of the AGND and PGND planes is needed. For light to medium loads, connecting the AGND plane to the PGND plane with a trace is adequate in obtaining good output accuracy (see Figure 51). If the PGND plane is large enough and under a light to medium load, the voltage drop across the PGND plane is negligible. However, under a heavy load, such as at 20 A, the voltage drop across the PGND plane could be significant, thus affecting the accuracy of the output. The AGND plane would then have to be routed directly to the negative terminal of the load and the power supply, as illustrated in Figure 52. The power supply GND terminal and the load GND terminal should be placed as close as possible to each other to minimize the voltage drop across these two terminals, thus improving the output accuracy. POWER SUPPLY GND TERMINAL IS CONNECTED TO PGND PLANE. AGND PLANE PGND PLANE VOUT POWER SUPPLY GND TERMINAL Figure 51. Grounding Technique for a Light to Medium Load POWER SUPPLY GND TERMINAL IS CONNECTED TO PGND PLANE. AGND PLANE PGND PLANE SMALL AGND TRACE VOUT POWER SUPPLY GND TERMINAL Figure 52. Proper Grounding Technique for a Heavy Load RECOMMENDED COMPONENT MANUFACTURERS Table 5. Vendor Components AVX Corporation Capacitors Central Semiconductor Corp. Diodes Coilcraft, Inc. Inductors Diodes, Inc. Diodes International Rectifier Diodes, MOSFETs Murata Manufacturing Co., Ltd. Capacitors, inductors ON Semiconductor Diodes, MOSFETs Rubycon Corporation Capacitors Sanyo Capacitors Sumida Corporation Inductors Taiyo Yuden, Inc. Capacitors, inductors Toko America, Inc. Inductors United Chemi-Con, Inc. Capacitors Vishay Siliconix Diodes, MOSFETs, resistors, capacitors Wurth Elektronic Inductors |