データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1175P データシート(PDF) 11 Page - STMicroelectronics

部品番号 TDA1175P
部品情報  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P データシート(HTML) 11 Page - STMicroelectronics

Back Button TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics TDA1175P Datasheet HTML 9Page - STMicroelectronics TDA1175P Datasheet HTML 10Page - STMicroelectronics TDA1175P Datasheet HTML 11Page - STMicroelectronics TDA1175P Datasheet HTML 12Page - STMicroelectronics TDA1175P Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
TDA1175P
PACKAGE MECHANICAL
Table 7. POWERDIP16 - Mechanical Data
Figure 15. POWERDIP16 - Package Dimensions
Note: Drawing is not to scale
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
a1
0.51
0.020
B
0.85
1.4
0.033
0.055
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
20
0.787
E
8.8
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
16
18
B
e
D
b
Z
e3
b1
E
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13