| データシートサーチシステム |
|
74LS151 データシート(PDF) 3 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
74LS151 データシート(HTML) 3 Page - SYC Electronica |
|
3 / 6 page ![]() SN74LS151 3 LOGIC DIAGRAM S2 S1 S0 E I0 I1 I2 I3 I4 I5 I6 I7 Z Z 14 1 2 6 7 3 4 5 9 11 12 10 13 15 VCC = PIN 16 GND = PIN 8 = PIN NUMBERS FUNCTIONAL DESCRIPTION The LS151 is a logical implementation of a single pole, 8-position switch with the switch position controlled by the state of three Select inputs, S0, S1, S2. Both assertion and negation outputs are provided. The Enable input (E) is active LOW. When it is not activated, the negation output is HIGH and the assertion output is LOW regardless of all other inputs. The logic function provided at the output is: Z = E ⋅ (I0 ⋅ S0 ⋅ S1 ⋅ S2 + ⋅ I1 ⋅ S0 ⋅ S1 ⋅ S2 + I2 ⋅ S0 ⋅ S1 ⋅ S2 + I3 ⋅ S0 ⋅ S1 ⋅ S2 + I4 ⋅ S0 ⋅ S1 ⋅ S2 + I5 ⋅ S0 ⋅ S1 ⋅ S2 + I6 ⋅ S0 ⋅ S1 ⋅ S2 + I7 ⋅ S0 ⋅ S1 ⋅ S2). The LS151 provides the ability, in one package, to select from eight sources of data or control information. By proper manipulation of the inputs, the LS151 can provide any logic function of four variables and its negation. TRUTH TABLE E S2 S1 S0 I0 I1 I2 I3 I4 I5 I6 I7 Z Z H X X X X X X X X X X X H L L L LLL X XXXX XX H L L L LL H X XXXX XX L H L L LH X L XXXX XX H L L L LH X H XXXX XX L H L L HL X X L XXX XX H L L L HL X X H XXX XX L H L L HH X XX L X XX X H L L L HH X XX H X XX X L H L H LL X XX X L XX X H L L H LL X XX X H XX X L H L H LH X X XXX L X X H L L H LH X X XXX H X X L H L H HL X X XXXX L X H L L H HL X X XXXX H X L H L H HH X X XXXX X L H L L H H H X X X X X X X H L H H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care www.sycelectronica.com.ar |