| データシートサーチシステム |
|
SC198AEVB データシート(PDF) 13 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC198AEVB データシート(HTML) 13 Page - Semtech Corporation |
|
13 / 15 page ![]() SC198A 13 PCB Layout Considerations Poor layout can degrade the performance of the DC-DC converter and can be a contributory factor in EMI prob- lems, ground bounce, thermal issues, and resistive voltage losses. Poor regulation and instability can result. The following design rules are recommended: Place the inductor and filter capacitors as close to the device as possible and use short wide traces between the power components. Route the output voltage feedback path away from inductor and LX node to minimize noise and magnetic interference. Use a ground plane to further reduce noise interference on sensitive circuit nodes. 1. 2. 3. Applications Information (continued) VIN GND GND GND GND LXA LXB CinA CinB VOUTA VOUTB |