データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM6688 データシート(PDF) 52 Page - OKI electronic componets

部品番号 MSM6688
部品情報  ADPCM Solid-State Recorder IC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6688 データシート(HTML) 52 Page - OKI electronic componets

Back Button MSM6688_07 Datasheet HTML 48Page - OKI electronic componets MSM6688_07 Datasheet HTML 49Page - OKI electronic componets MSM6688_07 Datasheet HTML 50Page - OKI electronic componets MSM6688_07 Datasheet HTML 51Page - OKI electronic componets MSM6688_07 Datasheet HTML 52Page - OKI electronic componets MSM6688_07 Datasheet HTML 53Page - OKI electronic componets MSM6688_07 Datasheet HTML 54Page - OKI electronic componets MSM6688_07 Datasheet HTML 55Page - OKI electronic componets MSM6688_07 Datasheet HTML 56Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 167 page
background image
FEDL6688-6688L-04
OKI Semiconductor
MSM6688/6688L
52/167
Pin
QFP
TQFP
Symbol
Type
Description
40
41
42
43
45
46
48
49
CS1
CS2
CS3
CS4
O
(Chip Select) Used to connect the CS pin of serial register and the
CS (CS1, CS2, CS3) pins of each serial voice ROM.
31
32
35
36
RSEL1
RSEL2
I
(Register Select) These are used to select the number of external
serial registers.
10
11
MCUM
I
This pin is used to select either the stand-alone mode or the
microcontroller interface mode.
Low level: Stand-alone mode
High level: Microcontroller interface mode
53
61
RESET
I
A high input level at this pin causes the MSM6688/6688L to be
initialized and to go into the power down state.
35
40
PDWN
I
(Power Down) When a low level is input to this pin, the MSM6688
goes to the power down state. Unlike the RESET pin, this pin does
not force to reset the MSM6688/6688L. When an low level is applied
to this PDWN pin during recording operation, the MSM6688/6688L is
halted, and will be maintained in the power down state while PDWN
is low. After this pin is restored to a high level, postprocessing for
recording will be performed.
1
2
3
4
1
2
3
4
D0
D1
D2
D3
I/O
Bi-directional data bus to transfer commands and data to and from
an external microcontroller.
54
62
WR
I
Write pulse input pin. Inputting a low pulse to this WR pin causes a
command or data to be input via D0-D3 pins.
55
63
RD
I
Read pulse input pin. Inputting a low pulse to this RD pin causes
status bits or data to be output via D0-D3 pins.
56
11
64
13
CE
CE
I
Chip enable input pins. When the CE pin is set to a low level or the
CE pin is set to a high level, the write pulse (WR), read pulse (RD)
can be accepted.
When the CE pin is set to a high level or CE pin is set to a low level,
the write pulse (WR) and read pulse (RD) cannot be accepted so
that data cannot be transferred to and from via D0-D3 pins.
5
6
BUSY
O
Outputs a high level while a command is being executed. When this
pin is held high, do not apply any data to D0-D3 pins. The state of
this BUSY pin is the same as the contents of the BUSY bit of the
status register.
6
7
RPM
O
Outputs a high level during recording or playback operation. The
state of this RPM is the same as the contents of the RPM bit of the
status register.
7
8
VPM
O
Outputs a high level during the standby for voice after the start of
voice triggered recording and the record/playback is stopped
temporarily by inputting the PAUSE command. The state of this
VPM pin is the same as the contents of the VPM bit of the status
register.
RSEL2
L
L
H
H
RSEL1
L
H
L
H
Number of serial registers
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com