| データシートサーチシステム |
|
MBR2080P データシート(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
MBR2080P データシート(HTML) 7 Page - International Rectifier |
|
7 / 7 page ![]() MBRB20...CTPbF, MBR20...CT-1PbF Series Bulletin PD-21019 rev. C 01/07 7 www.irf.com 1 - Essential Part Number 2 - B= D2Pak 6 none none = TO-262 6 = -1 3 - Current Rating (20 = 20A) 4 - Voltage Ratings 5 - CT = Essential Part Number 6 none = D2Pak 2 = B -1 = TO-262 2 none 7 - none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D2Pak only) TRR = Tape & Reel (Right Oriented - for D2Pak only) 8 - none = Standard Production PbF = Lead-Free (for TO-262 and D2Pak tube) P = Lead-Free (for D2Pak TRR and TRL) Ordering Information Table IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/07 Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site. Device Code 1 5 24 3 MBR B 20 100 CT -1 TRL P 6 7 8 80 = 80V 90 = 90V 100 = 100V |